PART |
Description |
Maker |
ADM202EARN ADM202EARU ADM202EARW ADM202EAN ADM1181 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers
|
http:// Analog Devices, Inc.
|
ADM1496E |
EMI/EMC Compliant, + 15 kV ESD Protected, RS-232 Line Drivers/Receivers
|
Analog Devices
|
ADM208EARUZ-REEL ADM208EARS-REEL ADM208EARSZ ADM20 |
EMI/EMC Compliant, ±15kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDSO24 EMI/EMC Compliant, ±15kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers; Package: SSOP; No of Pins: 24; Temperature Range: Industrial QUAD LINE TRANSCEIVER, PDSO24 EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers QUAD LINE TRANSCEIVER, PDSO28 EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX3440EESA MAX3440EASA MAX3440EEPA MAX3440E10 MAX |
±15kV ESD-Protected, ±60V Fault-Protected, 15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADM3307EARU-REEL ADM3307EACP ADM3307EACP-REEL ADM3 |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?/a> 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 10-825810-AAP 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发器闲置⑩ 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, PDSO28 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, QCC32 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/span>
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|